Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download AT-280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT-280
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
Features
* * * * * * 0.5 dB Attenuation Steps to 15.5 dB Ultra Low DC Power Consumption Low Intermodulation Product: +45 dBm IP3 SOIC-16 Plastic Package Tape and Reel Packaging Available Temperature Stability: +/-0.15 dB from -40C to +85C Rev. V5
Functional Schematic
Description
M/A-COM's AT-280 is a 5-bit, 0.5-dB step GaAs MMIC digital attenuator in a low cost SOIC 16-lead surface mount plastic package. The AT-280 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required at a low cost. Typical applications include radio and cellular equipment, wireless LANS, GPS equipment and other gain/level control circuits. The AT-280 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2 3
Function
VC1 VC1 VC2 VC2 VC3 VC3 VC4 VC5
Pin No.
9 10 11 12 13 14 15 16
Function
RF2 Ground Ground Ground Ground Ground Ground RF1
Ordering Information 1
Part Number
AT-280 AT-280TR AT-280SMB
4 5
Package
SOIC 16-Lead Forward Tape and Reel Sample Test Board (Includes 5 Samples)
6 7 8
Absolute Maximum Ratings 2
Parameter
Input Power: 0.05 GHz 0.5 - 2.0 GHz Control Voltage Operating Temperature Storage Temperature
1. Reference Application Note M513 for reel size information.
Absolute Maximum
+27 dBm +34 dBm -8.5 V < VC < +5 V -40C to +85C -65C to +150C
2. Exceeding any one or combination of these limits may cause permanent damage to this device.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
AT-280
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter
Reference Insertion Loss
Rev. V5
Test Conditions
DC--0.1 GHz DC--0.5 GHz DC--1.0 GHz DC--2.0 GHz DC--1.0 GHz DC--2.0 GHz (Any state) 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Input Power, 0.05 GHz Input Power, 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz Measured Relative to Input Power (for two-tone input power up to +5 dBm) 0.05 GHz 0.5 - 2.0 GHz Measured Relative to Input Power (for two-tone input power up to +5 dBm)
Units
dB dB dB dB
Min
-- -- -- --
Typ
1.1 1.3 1.5 1.8
Max
1.3 1.5 1.8 2.0
Attenuation Accuracy 3 VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression
(0.20 dB +3% of Attenuation Setting in dB) dB (0.30 dB +3% of Attenuation Setting in dB) dB Ratio nS nS mV dBm dBm dBm dBm 1.5:1 -- -- -- -- -- -- -- 1.8:1 12 18 30 22 27 53 68 -- -- -- -- -- -- -- --
IP2
IP3
dBm dBm
-- --
40 45
-- --
3. Attenuation acccuracy specifications apply with negative bias control and low inductance grounding.
SOIC-16
Truth Table 4,5
Control Inputs VC 5
1 0 1 1 1 1 0
VC 4
1 1 0 1 1 1 0
VC 3
1 1 1 0 1 1 0
VC 3
0 0 0 1 0 0 1
VC 2
1 1 1 1 0 1 0
VC 2
0 0 0 0 1 0 1
VC 1
1 1 1 1 1 0 0
VC 1
0 0 0 0 0 1 1
Atten. (dB)
Reference 0.5 dB 1 dB 2 dB 4 dB 8 dB 15.5 dB
4. 0 = Vin Low = 0 V = 0 to -0.2 V @ 20 A maximum 5. 1 = Vin High = -5 V at 20 A to -8 V at 20 A maximum
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
AT-280
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
Typical Performance Curves
Insertion Loss
3.0
Rev. V5
Attenuation Accuracy
0.3
0.5 dB Atten 1 dB Atten 2 dB Atten 4 dB Atten 8 dB Atten 15.5 dB Atten
2.5
+25C -40C +85C
0.2
2.0
0.1
1.5
0.0
1.0
-0.1
0.5
-0.2
0.0 0.0
0.5
1.0
1.5
2.0
-0.3 0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
VSWR
1.5
IL 1 dB 2 dB 4 dB 8 dB 16 dB
1.4
1.3
1.2
1.1
1.0 0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of AT-280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X